Part Number Hot Search : 
C4104 B4133 AX793R VS1103B DT74ALV AZ970E C5010 SDR9511
Product Description
Full Text Search
 

To Download 607B-D-4810-A-001000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   cord sets 607b www.schurter.com/pg07_ 2 connectors interconnection cord with iec plug g, angled description interconnection cord, - protection class ii, pin temperature 70 c, cable references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , e-stor e , distributor-stock-chec k , accessorie s technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 15 a / 250 vac; 60 hz dielectric strength > 2 kvdc between l-n > 2 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class 2 acc. to iec 61140 terminal moulded material: housing pvc, black or grey plug g acc. to iec/en 60320-1 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 10 a, protection class 2 dimensions 46.7 mm ? 20.6 46.7 54.3 ? 11
2 cord sets 607b www.schurter.com/pg07_ 2 connectors config. code product configurato r 607b | - | r | - | type | - | d | - | length | the characters are placeholders for the correspondingly keys of selections from the key tables. typ steht fr die dose bzw. 2. seite, l?nge ist die leitungsl?nge in mm. 607b | - | r | - | type | - | d | - | length | = cord type cord type configuration key h03vv-f ?2x0,75mm2 a h03vvh2-f?2x0,75mm2 b h05vv-f ?2x0,75mm2 d h05vvh2-f?2x0,75mm2 e h05vv-f ?2x1,0mm2 f svt? 2x18awg m cord definition is detailed in general product information xxx 607b | - | r | - | type | - | d | - | length | = cord end 2 cord end 2 zzzz, ? 030 1 , ? 251 0 , ? 251 1 , ? 301 6 , ? 311 3 , ? 312 7 , ? 313 0 , ? 481 0 , ? 901 1 607b | - | r | - | type | - | d | - | length | = color color configuration key jet?black;?ral9005 a silver?grey;?ral7001 b standard color: black 607b | - | r | - | type | - | d | - | length | = cord length cord length zzzz, ?000500, ?001000, ?001500, ?002000, ?002500, ?003000, ?005000 cord length in mm mating outlets/connector s category / description appliance ?inlet? overview?complet e ? ? iec? appliance ?inlet?c16 016 9 appliance ?inlet?further?types?to?607 b appliance ?outlet? overview?complet e ? ? iec? appliance ?outlet? f, ?screw-on?mounting, ? front?side, ?solder?or?quick-connect? terminal 478 7 iec? appliance ?outlet? f, ? snap-in?mounting, ? front?side, ?solder?or?quick-connect? terminal 478 8 iec? appliance ?outlet? f, ?screw-on?mounting, ? front?side, ?solder?or?quick-connect? terminal 6600- 3 iec? appliance ?outlet? f, ? snap-in?mounting, ? front?side, ?solder?or?quick-connect? terminal 6600- 4 appliance ?outlet?further?types?to?607 b appliance ?outlet?shuttered? overview?complet e ? ? iec? appliance ?outlet?f?shuttered, ?screw-on?mounting, ? front?side, ?solder?or?quick-connect? terminal 472 1 iec? appliance ?outlet?f?shuttered, ? snap-in?mounting, ? front?side, ?solder?or?quick-connect? terminal 472 3 appliance ?outlet?shuttered?further?types?to?607 b connector? overview?complet e ? ? iec?connector?c15, ?rewireable, ?straight 010 1 iec?connector?c15a, ?rewireable, ?straight 010 2 iec?connector?c15a, ?rewireable, ?straight 0102- g iec?connector?c15a, ?rewireable, ? angled 011 2 iec?connector?c13, ?rewireable, ? angled 401 2 connector?further?types?to?607 b ...
 cord sets 607b www.schurter.com/pg07_ 2 connectors category / description distribution?unit? overview?complet e ? ? distribution?unit?for? snap-in?mounting?with?1?iec? appliance ?inlet?c14?and?1? appliance ?outlet?f 071 2 strip?block?for? snap-in?mounting?with?up?to?7?iec? appliance ?outlets?f 090 9 distribution?unit?with?1?iec? appliance ?inlet?c14?or? power?cord, ?4?iec? appliance ?outlets?f?and?extra?components 474 0 distribution?unit?with?1?iec? appliance ?inlet?c14?and?2? appliance ?outlets? f, ?shuttered 474 1 distribution?unit?with?1?iec? appliance ?inlet?c14?and?4? appliance ?outlets?f 474 7 distribution?unit?further?types?to?607 b ... power ?cord? overview?complet e ? ? power ?cord?with?iec?connector?c17, ? angled 030 1 power ?cord?with?iec?connector?c13, ? angled 031 1 power ?cord?with?iec?connector?c13, ? angled 301 1 power ?cord?with?iec?connector?c13, ? angled 301 2 power ?cord?with?iec?connector?c13, ? angled 301 3 power ?cord?further?types?to?607 b ... power ? entry?module? overview?complet e ? ? iec? appliance ?outlet?f?with?fuseholder?1-pole 471 9 iec? appliance ?inlet?c14?with?modular?extended?components felcom ?6 4 iec? appliance ?inlet?c14?with? appliance ?outlet?f kp?(outlet ) iec? appliance ?inlet?c14?with? appliance ?outlet? f, ?line?switch?2-pole?and? voltage ?selector pm m power ? entry?module?further?types?to?607 b power ? entry?module?with?line?filter? overview?complet e ? ? iec? appliance ?inlet?c14?modular? assembling?options felcom ?5 4 power ? entry?module?with?line?filter?further?types?to?607 b power ?supply?or?interconnection?cord? overview?complet e ? ? divers? power?supply?and?interconnection?cords?10? a kabelverbindung/10? a power ?supply?or?interconnection?cord?further?types?to?607 b the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 607B-D-4810-A-001000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X